Part Number Hot Search : 
MSM7654 2SD103 ISL6610 WT7527 WNAR25FE 35LZ1515 MAX264 ED304T
Product Description
Full Text Search
 

To Download PBBA-24D12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
PBBA Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Features
* * * * * * Small size Low profile 2:1 input ratio Regulated output Overcurrent protection Fully isolated output
Specifications
INPUT Input voltage Input protection Input filter OUTPUT Output voltage Voltage accuracy Output Power Ripple & Noise Line regulation Load regulation Temperature drift Overload protection OPERATING Efficiency Isolation Parallel operation Series operation 1.5W: 65%, 3W: 70%, 6W: 70%, 10W: 80% Input - Output: 500VDC Isolation resistance typically 50MV No Yes See table 5% 1.5W-10W 120-150mV max. 20MHz bandwidth 0.5% max. over input range "Model dependent". 1% single output, 5% dual outputs 1% max. 0C to 50C Overcurrent protection works at approx. 105% of rating and recovers automatically 5VDC (4.5-9.0), 12VDC (9-18), 24VDC (18-36), 48VDC (36-72) None, use external input fuse Yes
ENVIRONMENTAL Operating temperature Derating Cooling Storage temperature Humidity Vibration Impact -20C to 71C Derate from 55C to 71C Free air convection -40C to 85C 20%-90% non condensing 10Hz-55Hz at 2G, 3 min periods along x, y, and z axis 50G for 11mS once on each axis
MECHANICAL SPECIFICATIONS Case Dimensions & weight Metal case with plastic base PBBA-A: PBBA-B: PBBA-C: PBBA-D: 27.5x18x7mm 35x23x7mm 44.4x28x7mm 45x35x7mm 10g 16g 25g 40g
STANDARDS AND APPROVALS C-Tick Safety
AS/NZS CISPR11 Group 1 Class A EN60950-1, UL60950-1
198
PBBA Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Selection Table - Single Output
MODEL NUMBER
PBBA-0505A PBBA-0512A PBBA-0515A PBBA-1205A PBBA-1212A PBBA-1215A PBBA-2405A PBBA-2412A PBBA-2415A PBBA-4805A PBBA-4812A PBBA-4815A PBBA-0505B PBBA-0512B PBBA-0515B PBBA-1205B PBBA-1212B PBBA-1215B PBBA-2405B PBBA-2412B PBBA-2415B PBBA-4805B PBBA-4812B PBBA-4815B PBBA-053R3C PBBA-0505C PBBA-0512C PBBA-0515C PBBA-1205C PBBA-1212C PBBA-1215C PBBA-2405C PBBA-2412C PBBA-2415C
INPUT VOLTAGE Vdc
4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 18-36 18-36 18-36 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 18-36 18-36 18-36 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 18-36 18-36 18-36
OUTPUT OUTPUT VOLTAGE CURRENT Vdc A
5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 3.3 5 12 15 5 12 15 5 12 15 0.3 0.13 0.1 0.3 0.13 0.1 0.3 0.13 0.1 0.3 0.13 0.1 0.6 0.25 0.2 0.6 0.25 0.2 0.6 0.25 0.2 0.6 0.25 0.2 1 1 0.5 0.4 1.2 0.5 0.4 1.2 0.5 0.4
OUTPUT POWER Watt 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 3W 6W 6W 6W 6W 6W 6W 6W 6W 6W 6W
MODEL NUMBER
PBBA-483R3C PBBA-4805C PBBA-4812C PBBA-4815C PBBA-053R3D PBBA-0505D PBBA-0512D PBBA-0515D PBBA-1205D PBBA-1212D PBBA-1215D PBBA-2405D PBBA-2412D PBBA-2415D PBBA-483R3D PBBA-4805D PBBA-4812D PBBA-4815D
INPUT VOLTAGE Vdc
36-76 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 4.5-9 9-18 9-18 9-18 18-36 18-36 18-36 36-76 36-76 36-76 36-76
OUTPUT OUTPUT VOLTAGE CURRENT Vdc A
3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 3.3 5 12 15 1 1.2 0.5 0.4 1.6 1.6 0.7 0.6 2 0.9 0.7 2 0.9 0.7 2 2 0.9 0.7
OUTPUT POWER Watt 6W 6W 6W 6W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W
Selection Table - Dual Output
MODEL NUMBER
PBBA-05D12A PBBA-05D15A PBBA-12D12A PBBA-12D15A PBBA-24D12A PBBA-24D15A PBBA-48D12A PBBA-48D15A PBBA-05D12B PBBA-05D15B PBBA-12D12B PBBA-12D15B PBBA-24D12B PBBA-24D15B PBBA-48D12B PBBA-48D15B PBBA-05D12C PBBA-05D15C PBBA-12D12C PBBA-12D15C
INPUT VOLTAGE Vdc
4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18
OUTPUT OUTPUT VOLTAGE CURRENT Vdc A 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
0.065 0.05 0.065 0.05 0.065 0.05 0.065 0.05 0.13 0.1 0.13 0.1 0.13 0.1 0.13 0.1 0.25 0.2 0.25 0.2
OUTPUT POWER Watt 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 1.5W 3W 3W 3W 3W 3W 3W 3W 3W 6W 6W 6W 6W
Your dependable power partner - www.powerbox.com.au
199
MODULES
PBBA Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODEL NUMBER
PBBA-24D12C PBBA-24D15C PBBA-48D12C PBBA-48D15C PBBA-05D12D PBBA-05D15D PBBA-12D12D PBBA-12D15D PBBA-24D12D PBBA-24D15D PBBA-48D12D PBBA-48D15D
INPUT VOLTAGE Vdc
18-36 18-36 36-76 36-76 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76
OUTPUT VOLTAGE Vdc 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
OUTPUT CURRENT A
0.25 0.2 0.25 0.2 0.45 0.35 0.45 0.35 0.45 0.35 0.45 0.35
OUTPUT POWER Watt 6W 6W 6W 6W 10W 10W 10W 10W 10W 10W 10W 10W
Technical Illustrations
PBBA-A PBBA-D-A
PBBA-B
PBBA-D-B
200
PBBA Series
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Technical Illustrations (contd)
PBBA-C PBBA-D-C
PBBA-D
PBBA-D-D
Your dependable power partner - www.powerbox.com.au
201
MODULES
PBBA Series
15-25 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Features
* * * * * * * High power density Low profile PCB mounting 2:1 input ratio Regulated output Overcurrent protection On/off remote control
Specifications
INPUT Nominal voltage Voltage range Input filter Input protection OUTPUT Output voltage Voltage adjustment Output current Output voltage setting Ripple & noise Line regulation See table 5% by external resistors See table Within 5% of nominal All output 150mV pk-pk max. Single Out: 5V rail - 20mV, 12V rail - 48mV * Dual Out: 12V rail - 60mV, 15V rail - 75mV Single Out: 5V rail - 40mV, 12V rail - 100mV * Dual Out: 12V rail - 600mV, 15V rail - 750mV Over 0C to 55C - 1% 100mS with full load Set at approx. 105% of rating and recovers automatically Set at 115-140% of V out (sum of output voltage) 12VDC, 24VDC, 48VDC 9-18V, 18-36V, 36-72V Yes Use external fuse
ENVIRONMENTAL Operating temperature -20C to 55C at FL Humidity Vibration Shock/Impact MECHANICAL Dimensions Weight PBBA-F: 45x50x8.5mm PBBA-G: 65x50x8.5mm PBBA-F: 55g PBBA-G: 65g 20%-90% RH, non condensing 10Hz-55Hz 10G 3 min period for 60 minutes each along x, y, and z axis 50G 11mS once each along x, y and z axis
Selection Table - Single Output
MODEL NUMBER
PBBA-053R3F PBBA-0505F PBBA-0512F PBBA-1205F PBBA-1212F PBBA-2405F PBBA-2412F PBBA-483R3F PBBA-4805F PBBA-4812F PBBA-053R3G PBBA-0505G PBBA-0512G PBBA-1205G PBBA-1212G PBBA-2405G PBBA-2412G PBBA-483R3G PBBA-4805G PBBA-4812G
INPUT VOLTAGE Vdc
4.5-9 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 36-76 4.5-9 4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76 36-76
OUTPUT OUTPUT VOLTAGE CURRENT Vdc A
3.3 5 12 5 12 5 12 3.3 5 12 3.3 5 12 5 12 5 12 3.3 5 12 2 2 1 2.4 1.3 2.4 1.3 2.4 2.4 1.3 4 3.2 1.7 4 2.1 4 2.1 4 2.1 2.1
OUTPUT POWER Watt 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W
Load regulation
Temperature drift Rise time Overcurrent protection Overvoltage protection OPERATING Efficiency Isolation
Typically 83% Input - Output: 500Vdc Input - Case: 500Vdc Output - Case: 500Vdc 50M Shortcircuit (RC & -V pins) or 1.2V output OFF * Open or 2.4-5.5V output ON * Compatible with TTL
Insulation resistance Remote control
STANDARDS AND APPROVALS C-Tick
AS/NZS CISPR11 Group 1 Class A
202
PBBA Series
15-25 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Selection Table - Dual Output
MODEL NUMBER
PBBA-05D12F PBBA-05D15F PBBA-12D12F PBBA-12D15F PBBA-24D12F PBBA-24D15F PBBA-48D12F PBBA-48D15F
INPUT OUTPUT OUTPUT OUTPUT VOLTAGE VOLTAGE CURRENT POWER Vdc Vdc A Watt
4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76
MODEL NUMBER
PBBA-05D12G PBBA-05D15G PBBA-12D12G PBBA-12D15G PBBA-24D12G PBBA-24D15G PBBA-48D12G PBBA-48D15G
INPUT OUTPUT OUTPUT OUTPUT VOLTAGE VOLTAGE CURRENT POWER Vdc Vdc A Watt
4.5-9 4.5-9 9-18 9-18 18-36 18-36 36-76 36-76
12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
0.6 0.5 0.65 0.5 0.65 0.5 0.65 0.5
15W 15W 15W 15W 15W 15W 15W 15W
12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30 12 or +24 15 or +30
0.84 0.67 1.05 0.85 1.05 0.85 1.05 0.85
25W 25W 25W 25W 25W 25W 25W 25W
Technical Illustrations
PBBA-F PBBA-D-F
PBBA-G
PBBA-D-G
Your dependable power partner - www.powerbox.com.au
203


▲Up To Search▲   

 
Price & Availability of PBBA-24D12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X